Part Number Hot Search : 
STK73410 BSS60A AOK40N30 06780 INTEGRA PST3137 4VHCT1 2903N
Product Description
Full Text Search
 

To Download 0942460112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/22/2010 please check www.molex.com for latest part information part number: 0942460112 status: active description: 2.54mm (.100") pitch, mox header, 2.54mm (.100") grid, through hole, pct, vertical, 12 circuit, blue documents: 3d model product specification ps-94246-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 94246 application wire-to-board product name mox physical breakaway no circuits (loaded) 12 circuits (maximum) 12 color - resin natural durability (mating cycles max) 100 first mate / last break no glow-wire compliant no lock to mating part yes material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.157 in pc tail length (mm) 4.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 120 plating min: mating (m) 3 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb yes shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +125c termination interface: style through hole electrical current - maximum per contact 6a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 94246 series mates with 98695
lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 265 material info reference - drawing numbers product specification ps-94246-001 sales drawing sd-94246-002 this document was generated on 04/22/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0942460112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X